Part Number Hot Search : 
PJ339CS KF5N50D K2696 K2696 IC923 S2CCMK BC156 A1270
Product Description
Full Text Search
 

To Download A94-TO-92 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO.,LTD
TO-92 Plastic-Encapsulate Transistors
A94
TRANSISTORPNP (c) TO 92
FEATURES Power dissipation PCM: 0.625 W Collector current ICM: -0.2 A Collector-base voltage V(BR)CBO : -400 V Operating and storage junction temperature range T J T stg: -55aeto +150ae ELECTRICAL unless CHARACTERISTICS Tamb=25 ae specified(c)
Symbol V (BR) CBO V (BR) CEO V (BR) EBO ICBO ICEO IEBO hFE(c) 1 DC current gain hFE(c) 2 hFE(c) 3 VCE (sat) Collector-emitter saturation voltage VCE (sat) Base-emitter saturation voltage Transition frequency VBE (sat) fT Test
Tamb=25ae(c)
1.EMITTER
2.BASE
3. COLLECTOR
123
otherwise
Parameter
conditions
MIN -400 -400 -5
TYP
MAX
UNIT V V V
Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Collector cut-off current Emitter cut-off current
Ic= -100|I AIE=0 IC= -1 mA =0 IB IE=-100|I IC=0 A VCB=-400 V, IE=0 VCE=-400 V, IB=0 VEB= -4 V, IC=0 VCE=-10V, IC=-10 mA VCE=-10V, IC=-1mA VCE=-10V, IC=-100 mA IC=-10 mA =-1mA IB IC=-50 mA =-5mA IB IC=-10 mA = -1 mA IB VCE=-20VIC=-10mA f =30MHz
-0.1 -5 -0.1 80 70 60 -0.2 -0.3 -0.75 50 300
|I A |I A |I A
V V V MHz
TO-92 PACKAGE OUTLINE DIMENSIONS
D
D1
A
A1
E
b |O
e e1
Symbol A A1 b c D D1 E e e1 L O
Dimensions In Millimeters Min 3.300 1.100 0.380 0.360 4.400 3.430 4.300 1.270TYP 2.440 14.100 0.000 2.640 14.500 1.600 0.380 4.700 Max 3.700 1.400 0.550 0.510 4.700 Min
L
Dimensions In Inches Max 0.146 0.055 0.022 0.020 0.185 0.185 0.050TYP 0.096 0.555 0.000 0.104 0.571 0.063 0.015 0.130 0.043 0.015 0.014 0.173 0.135 0.169
C


▲Up To Search▲   

 
Price & Availability of A94-TO-92

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X